PART |
Description |
Maker |
LTC1605 LTC1605CSW LTC1605AIG LTC1605CN LTC1605ACN |
From old datasheet system 16-Bit/ 100ksps/ Sampling ADC 16-Bit, 100ksps, Sampling ADC
|
LINER[Linear Technology]
|
AD7813YR-REEL AD7813YR-REEL7 AD7813YRU-REEL AD7813 |
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7813 AD7813YN AD7813YR AD7813YRU |
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO16 2.7 V to 5.5 V 400 kSPS 8-/10-Bit Sampling ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7883BN AD7883 |
LC2MOS12-Bit, 3.3 V Sampling ADC LC2MOS 12-Bit, 3.3 V Sampling ADC
|
Analog Devices, Inc.
|
AT84AD004 AT84XAD004TD |
Dual 8-bit 500 Msps ADC Provides 500 Msps sampling per channel or 1 Gsps sampling from one channel (interleaving mode) and integrates ... Smart ADC. Dual 8-bit 500 Msps ADC. Temperature range ambient.
|
Atmel
|
EVAL-AD7864-3CB3 EVAL-CONTROLBRD24 AD7864ASZ-12 AD |
4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP44 4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
|
Analog Devices ANALOG DEVICES INC
|
AD678KD AD678KN AD678JD AD678JN AD678BD AD678BJ AD |
12-Bit 200 kSPS Complete Sampling ADC 1-CH 12-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. AD[Analog Devices]
|
1814 AD7853 AD7853L EVAL-AD7853CB AD7853BNZ AD7853 |
Single Supply V.35 Transceiver; Package: SO; No of Pins: 28; Temperature Range: -40°C to 85°C 3 V V单电源200 kSPS2位采样ADC 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: PDIP; No of Pins: 24; Temperature Range: Commercial 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP24 3 V to 5 V Single Supply, 200 KSPS 12-Bit Sampling ADCs(单电200kSPS 12位采样A/D转换 From old datasheet system
|
Analog Devices, Inc.
|
LTC1402I LTC1402IGN LTC1402CGN |
Serial 12-Bit/ 2.2Msps Sampling ADC with Shutdown Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown 串行12位,2.2Msps采样ADC,带有关
|
Linear Technology, Corp.
|
AD7821KRZ-REEL |
High Speed, µP-Compatible, CMOS, 8-Bit Sampling ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20
|
Analog Devices, Inc.
|